Part Number Hot Search : 
TCR5SB31 C4104 74LV10N DTB123ES LZ39B P145T LV640MU NE5514D
Product Description
Full Text Search
 

To Download BF2030W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BF 2030W
Silicon N-Channel MOSFET Tetrode Preliminary data * For low noise, high gain controlled input stages up to 1GHz * Operating voltage 5V
3 4
2 1
VPS05605
ESD: Electrostatic discharge sensitive device, observe handling precaution
Type
Marking Ordering Code Q62702-F1774
Pin Configuration 1=D 2=S 3 = G1 4 = G2
Package SOT-343
BF 2030W NEs
Maximum Ratings Parameter Drain-source voltage
Symbol
Value 14 40 10 7 200 -55 ...+150 150
Unit V mA V mW C
VDS ID
I G1/2SM +VG1SE
Continuos drain current Gate 1/gate 2 peak source current Gate 1 (external biasing) Total power dissipation, T S = 94 C Storage temperature Channel temperature
Ptot T stg T ch
Thermal Resistance Channel - soldering point
Rthchs
280
K/W
Semiconductor Group Semiconductor Group
11
Jun-05-1998 1998-11-01
BF 2030W
Electrical Characteristics at TA = 25C, unless otherwise specified. Symbol Values Parameter min. DC characteristics Drain-source breakdown voltage typ. 12 8.5 8.5 max. 50 50 12 0.8 0.7 -
Unit
V(BR)DS
+V(BR)G1SS +V(BR)G2SS +I G1SS +I G2SS
0.3 0.3
V
I D = 650 A, -V G1S = 4 V, - V G2S = 4 V Gate 1 - source breakdown voltage
+I G1S = 10 mA, V G2S = 0 V, V DS = 0 V Gate 2 - source breakdown voltage I G2S = 10 mA, V G1S = V DS = 0 Gate 1 source current
V nA
VG1S = 5 V, V G2S = 0 V
Gate 2 source leakage current
VG2S = 5 V, V G1S = 0 V, V DS = 0 V
Drain current
I DSS I DSX VG2S(p) VG1S(p)
A mA V
VDS = 5 V, V G1S = 0 V, VG2S = 4 V
Drain-source current
VDS = 5 V, V G2S = 4 V, RG1 = 20 k
Gate 2-source pinch-off voltage
VDS = 5 V, ID = 20 A
Gate 1-source pinch-off voltage
VDS = 5 V, V G2S = 4 V, I D = 20 A
AC characteristics Forward transconductance
g fs Cg1ss
-
31 2.5
-
mS pF
VDS = 5 V, ID = 10 mA, V G2S = 4 V
Gate 1 input capacitance
VDS = 5 V, ID = 10 mA, V G2S = 4 V, f = 1 MHz
Output capacitance
Cdss
-
1.1
-
VDS = 5 V, ID = 10 mA, V G2S = 4 V, f = 1 MHz
Noise figure
F
-
2
-
dB
VDS = 5 V, ID = 10 mA, f = 800 MHz
Semiconductor Group Semiconductor Group 22
Jun-05-1998 1998-11-01


▲Up To Search▲   

 
Price & Availability of BF2030W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X